Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C51U2 Datasheet (PDF) - ATMEL Corporation

TS80C51U2 Datasheet PDF - ATMEL Corporation
Part # TS80C51U2
Download  TS80C51U2 Download
File Size   1009.66 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Double UART 8-bit CMOS Microcontroller

TS80C51U2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS80C51U2 Datasheet PDF - ATMEL Corporation

Part # TS80C51U2
Download  TS80C51U2 Click to download

File Size   1009.66 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Double UART 8-bit CMOS Microcontroller

TS80C51U2 Datasheet (HTML) - ATMEL Corporation


TS80C51U2 Product details

Description
TS80C51U2 is high performance CMOS ROM, OTP and EPROM versions of the 80C51 CMOS single chip 8-bit microcontroller.
The TS80C51U2 retains all features of the 80C51 with extended ROM/EPROM capacity (16 Kbytes), 256 bytes of internal RAM, a 7-source , 4-level interrupt system, an on-chip oscilator and three timer/counters.
In addition, the TS80C51U2 has a second UART, enhanced functions on both UART, enhanced timer 2, a hardware watchdog timer, a dual data pointer, a baud rate generator and a X2 speed improvement mechanism.
The fully static design of the TS80C51U2 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.
The TS80C51U2 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the interrupt system are still operating. In the power-down mode the RAM is saved and all other functions are inoperative.

Features
● 80C52 Compatible
   • 8051 pin and instruction compatible
   • Four 8-bit I/O ports
   • Three 16-bit timer/counters
   • 256 bytes scratchpad RAM
● High-Speed Architecture
   • 40 MHz @ 5V, 30MHz @ 3V
   • X2 Speed Improvement capability (6 clocks/machine cycle)
      30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
      60 MHz @ 5V, 40 MHz @ 3V)
● Second UART
● Baud Rate Generator
● Dual Data Pointer
● On-chip ROM/EPROM (16K-bytes)
● Programmable Clock Out and Up/Down Timer/Counter 2
● Hardware Watchdog Timer (One-time enabled with Reset-Out)
● Asynchronous port reset
● Interrupt Structure with
   • 7 Interrupt sources
   • 4 level priority interrupt system
● Full duplex Enhanced UARTs
   • Framing error detection
   • Automatic address recognition
● Low EMI (inhibit ALE)
● Power Control modes
   • Idle mode
   • Power-down mode
   • Power-off Flag
● Once mode (On-chip Emulation)
● Power supply: 4.5-5.5V, 2.7-5.5V
● Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)
● Packages: PDIL40, PLCC44, VQFP44 1.4, CQPJ44 (window), CDIL40 (window)




Similar Part No. - TS80C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
Double UART 8-bit CMOS Microcontroller, 0-60 MHz
More results


Similar Description - TS80C51U2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
Double UART 8-bit CMOS Microcontroller, 0-60 MHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com