Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C51U2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS80C51U2
Description  Double UART 8-bit CMOS Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51U2 Datasheet(HTML) 2 Page - ATMEL Corporation

  TS80C51U2 Datasheet HTML 1Page - ATMEL Corporation TS80C51U2 Datasheet HTML 2Page - ATMEL Corporation TS80C51U2 Datasheet HTML 3Page - ATMEL Corporation TS80C51U2 Datasheet HTML 4Page - ATMEL Corporation TS80C51U2 Datasheet HTML 5Page - ATMEL Corporation TS80C51U2 Datasheet HTML 6Page - ATMEL Corporation TS80C51U2 Datasheet HTML 7Page - ATMEL Corporation TS80C51U2 Datasheet HTML 8Page - ATMEL Corporation TS80C51U2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
2
Rev. D - 15 January, 2001
TS80C51U2
TS83C51U2
TS87C51U2
configuration). UART_1 is fully compliant with the first one allowing an internal baud rate generator to be the
clock source. This common internal baud rate generator can be used independently by each UART or both as clock
source allowing to program various speeds.
The TS80C51U2 provides 7 sources of interrupt with four priority levels. UART_1 has a lower priority than Timer
2. The Serial Ports are full duplex meaning they can transmit and receive simultaneously. They are also receive
buffered, meaning they can start reception of a second byte before a previously received byte has been read from
the receive register. The Serial Port receive and transmit registers of UART_1 are both accessed at Special Function
Register SBUF_1. Writing to SBUF_1 loads the transmit register and reading SBUF_1 accesses a physical separate
receive register.
The UART_1 port control and status is the Special Function Register SCON_1. This register contains not only the
mode selection bit but also the 9th bit for transmit and receive (TB8_1 and RB8_1) and the serial port interrupt
bits (TI_1 and RI_1). The automatic address recognition feature is enabled when multiprocessor communication
is enabled. Implemented in hardware, automatic address recognition enhances the multiprocessor communication
feature by allowing the Serial Port to examine address of each incoming frame and provides filtering capability.
The UART_1 also comes with Frame error detection, similar to the UART_0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com