Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE48NM50 Datasheet (PDF) - STMicroelectronics

STE48NM50 Datasheet PDF - STMicroelectronics
Part # STE48NM50
Download  STE48NM50 Download
File Size   273.44 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET

STE48NM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STE48NM50 Datasheet PDF - STMicroelectronics

Part # STE48NM50
Download  STE48NM50 Click to download

File Size   273.44 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET

STE48NM50 Datasheet (HTML) - STMicroelectronics


STE48NM50 Product details

DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET technology that associates the Multiple Drain process with the Company’s PowerMESH™ horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the Company’s proprietary strip technique yields overall dynamic performance that is significantly better than that of similar competition’s products.

General Features
■ TYPICAL RDS(on) = 0.08Ω
■ HIGH dv/dt AND AVALANCHE CAPABILITIES
■ 100% AVALANCHE TESTED
■ LOW INPUT CAPACITANCE AND GATE CHARGE
■ LOW GATE INPUT RESISTANCE
■ TIGHT PROCESS CONTROL AND HIGH MANUFACTURING YIELDS

APPLICATIONS
   The MDmesh™ family is very suitable for increasing power density of high voltage converters allowing system miniaturization and higher efficiencies.




Similar Part No. - STE48NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM60 STMICROELECTRONICS-STE48NM60 Datasheet
264Kb / 8P
N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Jun-2003
More results


Similar Description - STE48NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
N-CHANNEL 500V - 0.070Ω - 53A ISOTOP PowerMesh™ II MOSFET
May-2002
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
N-CHANNEL 500V - 0.045Ω - 70A ISOTOP Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
Mar-2003
STE48NM60 STMICROELECTRONICS-STE48NM60 Datasheet
264Kb / 8P
N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Jun-2003
logo
New Jersey Semi-Conduct...
STE38NB50 NJSEMI-STE38NB50 Datasheet
382Kb / 4P
N - CHANNEL 500V - 0.11 Q - 38A - ISOTOP
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com