Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE48NM60 Datasheet (PDF) - STMicroelectronics

STE48NM60 Datasheet PDF - STMicroelectronics
Part # STE48NM60
Download  STE48NM60 Download
File Size   264.98 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET

STE48NM60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STE48NM60 Datasheet PDF - STMicroelectronics

Part # STE48NM60
Download  STE48NM60 Click to download

File Size   264.98 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET

STE48NM60 Datasheet (HTML) - STMicroelectronics


STE48NM60 Product details

DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET technology that associates the Multiple Drain process with the Company’s PowerMESH™ horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the Company’s proprietary strip technique yields overall dynamic performance that is significantly better than that of similar competition’s products.

■ TYPICAL RDS(on) = 0.09Ω
■ HIGH dv/dt AND AVALANCHE CAPABILITIES
■ 100% AVALANCHE TESTED
■ LOW INPUT CAPACITANCE AND GATE CHARGE
■ LOW GATE INPUT RESISTANCE
■ TIGHT PROCESS CONTROL AND HIGH MANUFACTURING YIELDS

APPLICATIONS
    The MDmesh™ family is very suitable for increasing power density of high voltage converters allowing system miniaturization and higher efficiencies.




Similar Part No. - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET
Sep-2002
More results


Similar Description - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
N-CHANNEL 600V - 0.098Ω - 40A ISOTOP PowerMesh™ II MOSFET
May-2002
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET
Sep-2002
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
N-CHANNEL 500V - 0.045Ω - 70A ISOTOP Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
N-CHANNEL 150A - 600V - ISOTOP PowerMESH™ IGBT
03-Nov-2006
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
Jun-1999
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
Mar-2005
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
Mar-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com