Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE40NC60 Datasheet (PDF) - STMicroelectronics

STE40NC60 Datasheet PDF - STMicroelectronics
Part # STE40NC60
Download  STE40NC60 Download
File Size   270.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.098Ω - 40A ISOTOP PowerMesh™ II MOSFET

STE40NC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STE40NC60 Datasheet PDF - STMicroelectronics

Part # STE40NC60
Download  STE40NC60 Click to download

File Size   270.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.098Ω - 40A ISOTOP PowerMesh™ II MOSFET

STE40NC60 Datasheet (HTML) - STMicroelectronics


STE40NC60 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 0.098 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER




Similar Part No. - STE40NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD Datasheet
278Kb / 10P
N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
13-Dec-2004
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
12-Jul-2006
More results


Similar Description - STE40NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
N-CHANNEL 500V - 0.070Ω - 53A ISOTOP PowerMesh™ II MOSFET
May-2002
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
N-CHANNEL 150A - 600V - ISOTOP PowerMESH™ IGBT
03-Nov-2006
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
Jun-1999
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
17-Nov-2005
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
10-Jul-2006
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
22-Aug-2007
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
12-Jul-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com