Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG719FTR Datasheet (PDF) - STMicroelectronics

STG719FTR Datasheet PDF - STMicroelectronics
Part # STG719FTR
Download  STG719FTR Download
File Size   60.74 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE 4ohm SPDT SWITCH

STG719FTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STG719FTR Datasheet PDF - STMicroelectronics

Part # STG719FTR
Download  STG719FTR Click to download

File Size   60.74 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE 4ohm SPDT SWITCH

STG719FTR Datasheet (HTML) - STMicroelectronics


STG719FTR Product details

DESCRIPTION
The STG719 is an high speed SPDT CMOS SWITCH frabricated in silicon gate C2MOS technology. It is designed to operate from 1.8V to 5.5V, making this device ideal for portable applications. It offers 4Ω ON-Resistance Max at 5V 25°C. Additional key features are fast switching speed (tON=7ns, tOFF=4.5ns) and Low Power Consumption (<0.01µW Typ.). ESD immunity is higher than 1000V per Method 3015.7 of MIL-STD-883B. It’s avalable in the commercial temperature range.

■ HIGH SPEED:
   tPD = 0.3 ns (TYP.) at VCC = 5V
   tPD = 0.4 ns (TYP.) at VCC = 3.0V
■ LOW POWER DISSIPATION:
   ICC =1 µA (MAX.) at TA = 85 oC
■ LOW ”ON” RESISTANCE:
   RON = 4Ω (MAX.Ta=25oC) AT VCC = 5V
   RON = 6Ω (TYP.)AT VCC = 3.0V
■ WIDE OPERATING VOLTAGERANGE:
   VCC (OPR)= 1.8V to 5.5VSINGLE SUPPLY




Similar Part No. - STG719FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG719 STMICROELECTRONICS-STG719 Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
STG719CTR STMICROELECTRONICS-STG719CTR Datasheet
137Kb / 10P
LOW VOLTAGE 4Ω SPDT SWITCH
25-Nov-2004
STG719STR STMICROELECTRONICS-STG719STR Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
STG719STR.. STMICROELECTRONICS-STG719STR.. Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
STG719 STMICROELECTRONICS-STG719_07 Datasheet
201Kb / 10P
LOW VOLTAGE 4廓 SPDT SWITCH
25-Nov-2004
More results


Similar Description - STG719FTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com