Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG719FTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG719FTR
Description  LOW VOLTAGE 4ohm SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG719FTR Datasheet(HTML) 4 Page - STMicroelectronics

  STG719FTR Datasheet HTML 1Page - STMicroelectronics STG719FTR Datasheet HTML 2Page - STMicroelectronics STG719FTR Datasheet HTML 3Page - STMicroelectronics STG719FTR Datasheet HTML 4Page - STMicroelectronics STG719FTR Datasheet HTML 5Page - STMicroelectronics STG719FTR Datasheet HTML 6Page - STMicroelectronics STG719FTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ANALOG SWITCH CHARACTERISTICS (CL = 5 pF, RL =50
Ω, GND = 0 V, TA =25oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
fMAX
Frequency Response
(Switch ON)
3.0
(*)
Bandwidth at -3dB
200
MHz
5.0
(**)
200
OIRR
OFF Isolation
(Switch OFF)
3.0
(*)
fIN = 10MHz sine wave
-40
dB
3.0
(*)
fIN = 1MHz sine wave
-74
5.0
(**)
fIN = 10MHz sine wave
-40
5.0
(**)
fIN = 1MHz sine wave
-74
Crosstalk (Between
Channels)
3.0
(*)
fIN = 10MHz sine wave
-39
dB
3.0
(*)
fIN = 1MHz sine wave
-52
5.0
(**)
fIN = 10MHz sine wave
-39
5.0
(**)
fIN = 1MHz sine wave
-52
(*) Voltage range is 3.0V
± 0.3V
(**) Voltage range is 5V
± 0.5V
ON LEAKAGE
OFF ISOLATION
OFF LEAKAGE
TEST CIRCUITS
ON RESISTANCE
STG719
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com