Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10N60L Datasheet (PDF) - STMicroelectronics

STGP10N60L Datasheet PDF - STMicroelectronics
Part # STGP10N60L
Download  STGP10N60L Download
File Size   88.65 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT

STGP10N60L Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP10N60L Datasheet PDF - STMicroelectronics

Part # STGP10N60L
Download  STGP10N60L Click to download

File Size   88.65 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT

STGP10N60L Datasheet (HTML) - STMicroelectronics


STGP10N60L Product details

N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT

■ HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
■ VERY LOW ON-VOLTAGE DROP (Vcesat)
■ LOW THRESHOLD VOLTAGE (LOGIC LEVEL INPUT)
■ HIGH CURRENT CAPABILITY
■ OFF LOSSES INCLUDE TAIL CURRENT

APPLICATIONS
■ ELECTRONIC IGNITION
■ LIGHT DIMMER
■ STATIC RELAYS




Similar Part No. - STGP10N60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh™ IGBT
Nov-2000
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
18-Nov-2005
More results


Similar Description - STGP10N60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10N60L STMICROELECTRONICS-STGB10N60L Datasheet
88Kb / 8P
N-CHANNEL 10A - 600V D2PAK LOGIC LEVEL IGBT
Jun-1999
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH™ IGBT
November 2005 Rev 1
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
18-Nov-2005
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
12-Oct-2006
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
02-Apr-2007
logo
ON Semiconductor
NGTB10N60R2DT4G ONSEMI-NGTB10N60R2DT4G Datasheet
531Kb / 7P
IGBT 600V, 10A, N-Channel
January 2015 - Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com