Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW20NB60HD Datasheet (PDF) - STMicroelectronics

GW20NB60HD Datasheet PDF - STMicroelectronics
Part # GW20NB60HD
Download  GW20NB60HD Download
File Size   90.06 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT

GW20NB60HD Datasheet (PDF)

Go To PDF Page Download Datasheet
GW20NB60HD Datasheet PDF - STMicroelectronics

Part # GW20NB60HD
Download  GW20NB60HD Click to download

File Size   90.06 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT

GW20NB60HD Datasheet (HTML) - STMicroelectronics


GW20NB60HD Product details

DESCRIPTION
Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESH™ IGBTs, with outstanding perfomances. The suffix ”H” identifies a family optimized to achieve very low switching times for high frequency applications (<120kHz).

■ HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
■ LOW ON-VOLTAGE DROP (VCESAT)
■ LOW GATE CHARGE
■ HIGH CURRENT CAPABILITY
■ VERY HIGH FREQUENCY OPERATION
■ OFF LOSSES INCLUDE TAIL CURRENT
■ CO-PACKAGED WITH TURBOSWITCH ANTIPARALLEL DIODE

APPLICATIONS
■ HIGH FREQUENCY MOTOR CONTROLS
■ WELDING EQUIPMENTS
■ SMPS AND PFC IN BOTH HARD SWITCH AND RESONANT TOPOLOGIES




Similar Part No. - GW20NB60HD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GW20N65SEK LUGUANG-GW20N65SEK Datasheet
992Kb / 9P
650V/20A Field Stop IGBT
Revision:20240320-P1
logo
STMicroelectronics
GW20NC60V STMICROELECTRONICS-GW20NC60V Datasheet
469Kb / 20P
30 A - 600 V - very fast IGBT
18-Jun-2015
GW20NC60VD STMICROELECTRONICS-GW20NC60VD Datasheet
303Kb / 11P
N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
12-Jul-2004
More results


Similar Description - GW20NB60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60K STMICROELECTRONICS-STGW20NB60K Datasheet
279Kb / 8P
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH™ IGBT
May-2003
STGW20NB60KD STMICROELECTRONICS-STGW20NB60KD Datasheet
289Kb / 11P
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH IGBT
05-Apr-2005
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
N-CHANNEL 50A - 600V - TO-247 PowerMESH™ IGBT
May-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com