Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V61C5181024 Datasheet (PDF) - Mosel Vitelic, Corp

V61C5181024 Datasheet PDF - Mosel Vitelic, Corp
Part # V61C5181024
Download  V61C5181024 Download
File Size   61.73 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128K X 8 HIGH SPEED STATIC RAM

V61C5181024 Datasheet (PDF)

Go To PDF Page Download Datasheet
V61C5181024 Datasheet PDF - Mosel Vitelic, Corp

Part # V61C5181024
Download  V61C5181024 Click to download

File Size   61.73 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128K X 8 HIGH SPEED STATIC RAM

V61C5181024 Datasheet (HTML) - Mosel Vitelic, Corp


V61C5181024 Product details

Description
The V61C5181024 is a 1,048,576-bit static random-access memory organized as 131,072 words by 8 bits. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. The V61C5181024 is available in 32-pin SOJ, PDIP and TSOP.

Features
■ High-speed: 10, 12, 15 ns
■ Fully static operation
■ All inputs and outputs directly TTL compatible
■ Three state outputs
■ Low data retention current (VCC = 2V)
■ Single 5V ± 10% Power Supply
■ Low CMOS Standby current of 5 mA max
■ Packages
   – 32-pin TSOP
   – 32-pin 300 mil SOJ




Similar Part No. - V61C5181024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C518256 MOSEL-V61C518256 Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-10R MOSEL-V61C518256-10R Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-10T MOSEL-V61C518256-10T Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-12R MOSEL-V61C518256-12R Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
V61C518256-12T MOSEL-V61C518256-12T Datasheet
58Kb / 12P
32K X 8 HIGH SPEED STATIC RAM
More results


Similar Description - V61C5181024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C3181024 MOSEL-V61C3181024 Datasheet
77Kb / 10P
128K X 8 HIGH SPEED STATIC RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
128K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com