Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V61C518256 Datasheet (PDF) - Mosel Vitelic, Corp

V61C518256 Datasheet PDF - Mosel Vitelic, Corp
Part # V61C518256
Download  V61C518256 Download
File Size   58.51 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 32K X 8 HIGH SPEED STATIC RAM

V61C518256 Datasheet (PDF)

Go To PDF Page Download Datasheet
V61C518256 Datasheet PDF - Mosel Vitelic, Corp

Part # V61C518256
Download  V61C518256 Click to download

File Size   58.51 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 32K X 8 HIGH SPEED STATIC RAM

V61C518256 Datasheet (HTML) - Mosel Vitelic, Corp


V61C518256 Product details

Description
The V61C518256 is a 262,144-bit static random access memory organized as 32,768 words by 8 bits. It is built with MOSEL VITELIC’s high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Features
■ High-speed: 10, 12, 15 ns
■ Low Power Dissipation:
   – CMOS Standby: 0.5 mA (Max.)
■ Fully static operation
■ All inputs and outputs directly compatible
■ Three state outputs
■ Ultra low data retention current (VCC = 2V)
■ Single 5V ± 10% Power Supply
■ Packages
   – 28-pin TSOP (Standard)
   – 28-pin 300 mil SOJ




Similar Part No. - V61C518256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
128K X 8 HIGH SPEED STATIC RAM
More results


Similar Description - V61C518256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
32K X 8 High Speed CMOS Static RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
32K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL_06 Datasheet
98Kb / 12P
32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
32K X 8 HIGH SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com