Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCXH16245 Datasheet (PDF) - STMicroelectronics

74LCXH16245 Datasheet PDF - STMicroelectronics
Part # 74LCXH16245
Download  74LCXH16245 Download
File Size   261.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)

74LCXH16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXH16245 Datasheet PDF - STMicroelectronics

Part # 74LCXH16245
Download  74LCXH16245 Click to download

File Size   261.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)

74LCXH16245 Datasheet (HTML) - STMicroelectronics


74LCXH16245 Product details

DESCRIPTION
The 74LCXH16245 is a low voltage CMOS 16 BIT BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs.

■ 5V TOLERANT INPUTS AND OUTPUTS
■ HIGH SPEED :
   tPD = 4.5 ns (MAX.) at VCC = 3V
■ POWER DOWN PROTECTION ON INPUTS AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
  |IOH| = IOL = 24mA (MIN) at VCC = 3V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS:
   tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
  VCC(OPR) = 2.0V to 3.6V (1.5V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES H16245
■ BUS HOLD PROVIDED ON BOTH SIDES
■ LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17)
■ ESD PERFORMANCE:
  HBM > 2000V (MIL STD 883 method 3015);
  MM > 200V




Similar Part No. - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
93Kb / 8P
Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
More results


Similar Description - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
79Kb / 9P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
Sep-2001
74LCXHR162245 STMICROELECTRONICS-74LCXHR162245 Datasheet
259Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
Jul-2003
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
02-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Feb-2003
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com