Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2262 Datasheet (PDF) - STMicroelectronics

STMPS2262 Datasheet PDF - STMicroelectronics
Part # STMPS2262
Download  STMPS2262 Download
File Size   336.48 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced Power Switch

STMPS2262 Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPS2262 Datasheet PDF - STMicroelectronics

Part # STMPS2262
Download  STMPS2262 Click to download

File Size   336.48 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Enhanced Power Switch

STMPS2262 Datasheet (HTML) - STMicroelectronics


STMPS2262 Product details

Description
The STMPS2242/2252/2262/2272 power distribution switches are intended for applications where heavy capacitive loads and short-circuits are likely to be encountered. These devices incorporate 100 mΩ MOSFET high-side power switches for power distribution systems that require multiple power switches in a single package.

Features
■ 100 mΩ high-side MOSFET switch
■ 500 mA/1000 mA continuous current per channel
■ Thermal protection
■ Independent short-circuit protection with overcurrent logic output
■ Operating range from 2.7 V to 5.5 V
■ CMOS and TTL compatible inputs
■ 2.5 ms typical rise time
■ Undervoltage lockout
■ 13 µA maximum standby supply current
■ Ambient temperature range: -40 °C to 85 °C
■ 8 kV ESD protection
■ Reverse current protection
■ Fault blanking




Similar Part No. - STMPS2262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2262 STMICROELECTRONICS-STMPS2262 Datasheet
1Mb / 42P
Enhanced dual-channel power switches
19-Jan-2011
More results


Similar Description - STMPS2262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042_07 Datasheet
175Kb / 12P
Enhanced power switch
29-May-2007
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT6-800CN WEEN-ACTT6-800CN Datasheet
205Kb / 14P
Enhanced ACTT power switch
ACTT6B-800CN WEEN-ACTT6B-800CN Datasheet
270Kb / 14P
Enhanced ACTT power switch
ACTT6X-800CN WEEN-ACTT6X-800CN Datasheet
240Kb / 14P
Enhanced ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com