Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2262 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPS2262
Description  Enhanced Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPS2262 Datasheet HTML 1Page - STMicroelectronics STMPS2262 Datasheet HTML 2Page - STMicroelectronics STMPS2262 Datasheet HTML 3Page - STMicroelectronics STMPS2262 Datasheet HTML 4Page - STMicroelectronics STMPS2262 Datasheet HTML 5Page - STMicroelectronics STMPS2262 Datasheet HTML 6Page - STMicroelectronics STMPS2262 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
December 2005
1/7
7
For further information contact your local STMicroelectronics sales office.
Rev. 1
STMPS2262
STMPS2272
Enhanced Power Switch
Features
■
80m
Ω HIGH-SIDE MOSFET SWITCH
■
1000mA CONTINUOUS CURRENT PER
CHANNEL
■
INDEPENDENT THERMAL AND SHORT-
CIRCUIT PROTECTION WITH
OVERCURRENT LOGIC OUTPUT
■
OPERATING RANGE FROM 2.7V TO 5.5V
■
2.5ms TYPICAL RISE TIME
■
UNDERVOLTAGE LOCKOUT
■
10
µA MAXIMUM STANDBY SUPPLY
CURRENT
■
AMBIENT TEMPERATURE RANGE, 0°C TO
85°C
■
8kV ESD PROTECTION
■
REVERSE CURRENT PROTECTION
■
FAULT-BLANKING
Description
These devices power distribution switches are
intended for application where heavy capacitive
loads
and
short
circuits
are
likely
to
be
encountered. These devices incorporate 80m
Ω N-
channel MOSFET high-side power switches for
power-distribution systems that require multiple
powers switches in a single package. Each switch
is controlled by an independent logic enable input.
Gate drive is provided by an internal charge pump
designed to control the power-switch rise times
and fall times to minimize current surges during
switching.
The
charge
pump
requires
no
external
components and allows operation from supplies
as low as 2.7 V. When the output load exceeds
the current-limit threshold or a short is present,
these devices limit the output current to a safe
level by switching into a constant-current mode,
pulling the overcurrent (OCx) logic output low.
When continuous heavy overloads and short
circuits increase the power dissipation in the
switch, causing the junction temperature to rise, a
thermal protection circuit shuts off the switch to
prevent
damage.
Recovery
from
a
thermal
shutdown is automatic once the device has
cooled sufficiently. Internal circuitry ensures the
switch remains off until valid input voltage is
present.
SO-8
www.st.com
Order Codes
Part Number
Channel
RON (Ω)
Current Limit (mA)
Enable
Package
STMPS2262MTR
2
80
1000
Active Low
SO-8
STMPS2272MTR
2
80
1000
Active High
SO-8


Similar Part No. - STMPS2262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2262 STMICROELECTRONICS-STMPS2262 Datasheet
1Mb / 42P
Enhanced dual-channel power switches
19-Jan-2011
More results

Similar Description - STMPS2262

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042_07 Datasheet
175Kb / 12P
Enhanced power switch
29-May-2007
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT6-800CN WEEN-ACTT6-800CN Datasheet
205Kb / 14P
Enhanced ACTT power switch
ACTT6B-800CN WEEN-ACTT6B-800CN Datasheet
270Kb / 14P
Enhanced ACTT power switch
ACTT6X-800CN WEEN-ACTT6X-800CN Datasheet
240Kb / 14P
Enhanced ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com