Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT158 Datasheet (PDF) - STMicroelectronics

M74HCT158 Datasheet PDF - STMicroelectronics
Part # M74HCT158
Download  M74HCT158 Download
File Size   211.81 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER (INV.)

M74HCT158 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT158 Datasheet PDF - STMicroelectronics

Part # M74HCT158
Download  M74HCT158 Click to download

File Size   211.81 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER (INV.)

M74HCT158 Datasheet (HTML) - STMicroelectronics


M74HCT158 Product details

DESCRIPTION
The M54/74HCT157 and the M54/74HCT158 are high speed CMOS QUAD 2-CHANNEL MULTIPLEXERs fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation.
These devices consist of four 2-input digital multiplexers with common select and strobe inputs. The HCT158 is an inverting multiplexer while the HCT157 is a non-inverting multiplexer. When the STROBE input is held High, selection of data is in hibited and all the outputs become Low in the M74HCT157 and High in the M74HCT158. The SELECT decoding determines whether the A or B in puts get routed to their corresponding Y outputs. All inputs are equipped with protection circuits against static discharge and transient excess voltage. M54/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption.

■ HIGH SPEED
  tPD = 21 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
  ICC = 4 µA (MAX.) AT TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS
  VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
  IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
  tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE
   WITH 54/74LS157/158




Similar Part No. - M74HCT158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
More results


Similar Description - M74HCT158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com