Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47BTR Datasheet (PDF) - STMicroelectronics

STLVDS47BTR Datasheet PDF - STMicroelectronics
Part # STLVDS47BTR
Download  STLVDS47BTR Download
File Size   189.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER

STLVDS47BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS47BTR Datasheet PDF - STMicroelectronics

Part # STLVDS47BTR
Download  STLVDS47BTR Click to download

File Size   189.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER

STLVDS47BTR Datasheet (HTML) - STMicroelectronics


STLVDS47BTR Product details

DESCRIPTION
The STLVDS47 is a quad CMOS flow-through differential line driver designed for applications requiring ultra low power dissipation and high data rate. The device is designed to support data rates in excess of 400Mbps (200 MHz) utilizing Low Voltage Differential Signaling (LVDS) techology.
The STLVDS47 accepts low voltage TTL/CMOS input levels and translates them to low voltage (350 mV) differential output signals. In addition, the driver support a TRI-STATE function that may be used to disable the output stage, disabling the load current, and thus dropping the device to an ultra low idle power state of 1.3mW typical. The STLVDS47 has a flow-through pinout for easy PCB layout.
The EN and EN* inputs are ANDed together and control the TRI-STATE output.
The STLVDS47 and companion line receiver (STLVDS48) provide a new alternative to high power pseudo-ECL devices for high-speed point-to-point interface applications.

■ >400 MBPS (200MHZ) SWITCHING RATES
■ FLOW-THROUGH PINOUT SIMPLIFIES PCB LAYOUT
■ 300ps (MAX.) DIFFERENTIAL SKEW
■ 1.8 ns (TYP.) PROPAGATION DELAY
■ 3.3V POWER SUPPLY DESIGN
■ ±350 mV DIFFERENTIAL SIGNALING
■ LOW POWER DISSIPATION (3.5mW AT 3.3V STATIC IN TRISTATE)
■ INTEROPERABLE WITH EXISTING 5V LVDS RECEIVERS
■ HIGH IMPEDANCE ON LVDS OUTPUT ON POWER DOWN
■ CONFORMS TO TIA/EIA-644 LVDS STANDARD
■ INDUSTRIAL OPERATING TEMPERATURE RANGE (-40 °C TO +85 °C)
■ AVAILABLE IN SURFACE MOUNT (SOIC) AND LOW PROFILE TSSOP PACKAGE




Similar Part No. - STLVDS47BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BD STMICROELECTRONICS-STLVDS050BD Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BDR STMICROELECTRONICS-STLVDS050BDR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BTR STMICROELECTRONICS-STLVDS050BTR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
More results


Similar Description - STLVDS47BTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
3V LVDS Quad CMOS Differential Line Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com