Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C1804096 Datasheet (PDF) - Mosel Vitelic, Corp

V62C1804096 Datasheet PDF - Mosel Vitelic, Corp
Part # V62C1804096
Download  V62C1804096 Download
File Size   157.49 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512K X 8, CMOS STATIC RAM

V62C1804096 Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C1804096 Datasheet PDF - Mosel Vitelic, Corp

Part # V62C1804096
Download  V62C1804096 Click to download

File Size   157.49 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512K X 8, CMOS STATIC RAM

V62C1804096 Datasheet (HTML) - Mosel Vitelic, Corp


V62C1804096 Product details

Description
The V62C1804096 is a very low power CMOS static RAM organized as 524,288 words by 8 bits. Easy memory expansion is provided by an active LOW CE1, and active HIGH CE2, an active LOW OE, and three static I/O’s. This device has an automatic power-down mode feature when deselected.

Features
■ High-speed: 85, 100 ns
■ Ultra low standby current of 2µA (max.)
■ Fully static operation
■ All inputs and outputs directly compatible
■ Three state outputs
■ Ultra low data retention current (VCC = 1.0V)
■ Operating voltage: 1.8V–2.3V
■ Packages
    – 36-Ball CSP BGA (8mm x 10mm)




Similar Part No. - V62C1804096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100B MOSEL-V62C1801024L-100B Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100T MOSEL-V62C1801024L-100T Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100V MOSEL-V62C1801024L-100V Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-150B MOSEL-V62C1801024L-150B Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
More results


Similar Description - V62C1804096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2184096 MOSEL-V62C2184096 Datasheet
49Kb / 10P
512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
512K X 8, CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7MB4048 IDT-IDT7MB4048 Datasheet
80Kb / 6P
512K x 8 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
512K x 8 Static RAM
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
512K x 8 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com