Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7MB4048 Datasheet (PDF) - Integrated Device Technology

IDT7MB4048 Datasheet PDF - Integrated Device Technology
Part # IDT7MB4048
Download  IDT7MB4048 Download
File Size   80.48 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 512K x 8 CMOS STATIC RAM MODULE

IDT7MB4048 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7MB4048 Datasheet PDF - Integrated Device Technology

Part # IDT7MB4048
Download  IDT7MB4048 Click to download

File Size   80.48 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 512K x 8 CMOS STATIC RAM MODULE

IDT7MB4048 Datasheet (HTML) - Integrated Device Technology


IDT7MB4048 Product details

DESCRIPTION:
The IDT7MB4048 is a 4-megabit (512K x 8) Static RAM module constructed on a multilayer epoxy laminate (FR-4) substrate using four 1 megabit SRAMs and a decoder. The IDT7MB4048 is available with access times as fast as 25ns. The IDT7MB4048 is packaged in a 32-pin FR-4 DIP resulting in the JEDEC footprint in a package 1.6 inches long and 0.6 inches wide.

FEATURES:
• High-density 4-megabit (512K x 8) Static RAM module
• Fast access time: 25ns (max.)
   Surface mounted plastic packages on a 32-pin, 600 mil FR-4 DIP substrate
• Single 5V (±10%) power supply
• Inputs/outputs directly TTL-compatible




Similar Part No. - IDT7MB4048

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MB4045S15M IDT-IDT7MB4045S15M Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
IDT7MB4045S15Z IDT-IDT7MB4045S15Z Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
IDT7MB4045S20M IDT-IDT7MB4045S20M Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
IDT7MB4045S20Z IDT-IDT7MB4045S20Z Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
More results


Similar Description - IDT7MB4048

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
512K X 8, CMOS STATIC RAM
V62C2184096 MOSEL-V62C2184096 Datasheet
49Kb / 10P
512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
512K X 8, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
512K x 8 Static RAM
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
512K x 8 Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com