Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2221 Datasheet (PDF) - Supertex, Inc

HV2221 Datasheet PDF - Supertex, Inc
Part # HV2221
Download  HV2221 Download
File Size   709.01 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch

HV2221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2221 Datasheet PDF - Supertex, Inc

Part # HV2221
Download  HV2221 Click to download

File Size   709.01 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch

HV2221 Datasheet (HTML) - Supertex, Inc


HV2221 Product details

General Description
The Supertex HV2221 is a low charge injection, 8-channel, unipolar, negative high voltage, analog switch integrated circuit (IC) intended for use in applications requiring high voltage switching controlled by low voltage control signals, such as NDT ultrasound flaw detection, medical ultrasound imaging, piezoelectric transducer drivers, and printers.

Features
► Low on-resistance, 14Ω max.
► HVCMOS technology for high performance
► 3.3 or 5.0V CMOS input logic level
► 20MHz data shift clock frequency
► Very low quiescent power dissipation (-10µA)
► Low parasitic capacitance
► DC to 50MHz small signal frequency response
► -60dB typical off-isolation at 5MHz
► CMOS logic circuitry for low power
► Excellent noise immunity
► Cascadable serial data register with latches
► Flexible operating supply voltages

Applications
► NDT metal flaw detection
► Medical ultrasound imaging
► Piezoelectric transducer drivers
► Inkjet printer heads
► Optical MEMS modules




Similar Part No. - HV2221

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2221 SUTEX-HV2221 Datasheet
651Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2221FG-G SUTEX-HV2221FG-G Datasheet
651Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2221 SUTEX-HV2221_11 Datasheet
651Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
More results


Similar Description - HV2221

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2221 SUTEX-HV2221_11 Datasheet
651Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com