Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1HNC60 Datasheet (PDF) - STMicroelectronics

STN1HNC60 Datasheet PDF - STMicroelectronics
Part # STN1HNC60
Download  STN1HNC60 Download
File Size   260.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh™ I MOSFET

STN1HNC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STN1HNC60 Datasheet PDF - STMicroelectronics

Part # STN1HNC60
Download  STN1HNC60 Click to download

File Size   260.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh™ I MOSFET

STN1HNC60 Datasheet (HTML) - STMicroelectronics


STN1HNC60 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 7Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ AC ADAPTORS AND BATTERY CHARGERS
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT




Similar Part No. - STN1HNC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
429Kb / 15P
N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
14-Feb-2006
More results


Similar Description - STN1HNC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
Nov-1999
STN1NC60 STMICROELECTRONICS-STN1NC60 Datasheet
255Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SOT-223 PowerMesh™ I MOSFET
Feb-2001
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh™ I MOSFET
Aug-2001
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
logo
Xian Semipower Electron...
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
N-channel Enhanced mode TO-252/SOT-223 MOSFET
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
logo
Rectron Semiconductor
RM1N6092 RECTRON-RM1N6092 Datasheet
302Kb / 6P
N-Channel MOSFET 600V,0.4A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com