Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1HNC60 Datasheet (PDF) - STMicroelectronics

STS1HNC60 Datasheet PDF - STMicroelectronics
Part # STS1HNC60
Download  STS1HNC60 Download
File Size   137.1 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET

STS1HNC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS1HNC60 Datasheet PDF - STMicroelectronics

Part # STS1HNC60
Download  STS1HNC60 Click to download

File Size   137.1 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET

STS1HNC60 Datasheet (HTML) - STMicroelectronics


STS1HNC60 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ II process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 7 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ SWITCH MODE LOW POWER SUPPIES (SMPS)
■ CFL




Similar Part No. - STS1HNC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
Aug-2003
More results


Similar Description - STS1HNC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STN1HNC60 STMICROELECTRONICS-STN1HNC60 Datasheet
260Kb / 8P
N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh™ I MOSFET
May-2001
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh™ I MOSFET
Aug-2001
STS1DNC45 STMICROELECTRONICS-STS1DNC45 Datasheet
296Kb / 8P
DUAL N-CHANNEL 450V - 4.1ohm - 0.4A SO-8 SuperMESH™ POWER MOSFET
Jun-2003
STS1NC60 STMICROELECTRONICS-STS1NC60 Datasheet
272Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET
Jul-2001
STS3DNF30L STMICROELECTRONICS-STS3DNF30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
Dec-1998
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
Aug-2003
logo
Rectron Semiconductor
RM1N6092 RECTRON-RM1N6092 Datasheet
302Kb / 6P
N-Channel MOSFET 600V,0.4A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com