Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DNF30L Datasheet (PDF) - STMicroelectronics

STS3DNF30L Datasheet PDF - STMicroelectronics
Part # STS3DNF30L
Download  STS3DNF30L Download
File Size   70.79 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET

STS3DNF30L Datasheet (PDF)

Go To PDF Page Download Datasheet
STS3DNF30L Datasheet PDF - STMicroelectronics

Part # STS3DNF30L
Download  STS3DNF30L Click to download

File Size   70.79 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET

STS3DNF30L Datasheet (HTML) - STMicroelectronics


STS3DNF30L Product details

DESCRIPTION
This Power MOSFET is the second generation of STMicroelectronics unique "Single Feature Size" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.055 Ω
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFAC MOUNT ASSEMBLY
■ LOW THRESHOLD DRIVE

APPLICATIONS
■ DC MOTOR DRIVE
■ DC-DC CONVERTERS
■ BATTERY MANAGEMENT IN NOMADIC EQUIPMENT
■ POWER MANAGEMENT IN PORTABLE/DESKTOP PCS




Similar Part No. - STS3DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
May-1999
logo
VBsemi Electronics Co.,...
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - STS3DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
Jun-2000
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
STS1NC60 STMICROELECTRONICS-STS1NC60 Datasheet
272Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET
Jul-2001
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STT4NF30L STMICROELECTRONICS-STT4NF30L Datasheet
37Kb / 5P
N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
Nov-1998
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
logo
KIA Semiconductor Techn...
2306 KIA-2306 Datasheet
110Kb / 4P
3.5A竊?30V N-CHANNEL MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com