Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1NC60 Datasheet (PDF) - STMicroelectronics

STS1NC60 Datasheet PDF - STMicroelectronics
Part # STS1NC60
Download  STS1NC60 Download
File Size   272.6 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET

STS1NC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS1NC60 Datasheet PDF - STMicroelectronics

Part # STS1NC60
Download  STS1NC60 Click to download

File Size   272.6 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET

STS1NC60 Datasheet (HTML) - STMicroelectronics


STS1NC60 Product details

Description
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area

Features
■ TYPICAL RDS(on) = 12Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

Applications
■ AC ADAPTORS AND BATTERY CHARGERS
■ SWITH MODE POWER SUPPLIES (SMPS)




Similar Part No. - STS1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1NK60Z STMICROELECTRONICS-STS1NK60Z Datasheet
314Kb / 8P
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
Jun-2003
More results


Similar Description - STS1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STN1NC60 STMICROELECTRONICS-STN1NC60 Datasheet
255Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SOT-223 PowerMesh™ I MOSFET
Feb-2001
STQ1NC60R STMICROELECTRONICS-STQ1NC60R Datasheet
426Kb / 9P
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH™ I Power MOSFET
Jul-2003
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
STS3DNF30L STMICROELECTRONICS-STS3DNF30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
Dec-1998
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
Aug-2003
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com