Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DNE60L Datasheet (PDF) - STMicroelectronics

STS3DNE60L Datasheet PDF - STMicroelectronics
Part # STS3DNE60L
Download  STS3DNE60L Download
File Size   71.39 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET

STS3DNE60L Datasheet (PDF)

Go To PDF Page Download Datasheet
STS3DNE60L Datasheet PDF - STMicroelectronics

Part # STS3DNE60L
Download  STS3DNE60L Click to download

File Size   71.39 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET

STS3DNE60L Datasheet (HTML) - STMicroelectronics


STS3DNE60L Product details

DESCRIPTION
This Power MOSFET is the latest development of STMicroelectronics unique " Single Feature Size™ " strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.065 Ω
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY
■ LOW THRESHOLD DRIVE

APPLICATIONS
■ DC MOTOR DRIVE
■ DC-DC CONVERTERS
■ BATTERY MANAGMENT IN NOMADIC EQUIPMENT
■ POWER MANAGEMENT IN PORTABLE/DESKTOP PCs




Similar Part No. - STS3DNE60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - STS3DNE60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
Oct-1999
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET™ Power MOSFET
31-Jan-2007
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET™Power MOSFET
03-May-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com