Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4DNF60L Datasheet (PDF) - STMicroelectronics

STS4DNF60L Datasheet PDF - STMicroelectronics
Part # STS4DNF60L
Download  STS4DNF60L Download
File Size   71.01 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET

STS4DNF60L Datasheet (PDF)

Go To PDF Page Download Datasheet
STS4DNF60L Datasheet PDF - STMicroelectronics

Part # STS4DNF60L
Download  STS4DNF60L Click to download

File Size   71.01 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET

STS4DNF60L Datasheet (HTML) - STMicroelectronics


STS4DNF60L Product details

DESCRIPTION
This Power MOSFET is the second generation of STMicroelectronics unique " Single Feature Size™ " strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.045 Ω
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY
■ LOW THRESHOLD DRIVE

APPLICATIONS
■ DC MOTOR DRIVE
■ DC-DC CONVERTERS
■ BATTERY MANAGMENT IN NOMADIC EQUIPMENT
■ POWER MANAGMENT IN PORTABLE/DESKTOP PCs




Similar Part No. - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4DNF60L VBSEMI-STS4DNF60L Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
Oct-1999
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
May-1999
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
Aug-2002
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET™ II POWER MOSFET
Jul-2001
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com