Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4DNF30L Datasheet (PDF) - STMicroelectronics

STS4DNF30L Datasheet PDF - STMicroelectronics
Part # STS4DNF30L
Download  STS4DNF30L Download
File Size   135.76 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET

STS4DNF30L Datasheet (PDF)

Go To PDF Page Download Datasheet
STS4DNF30L Datasheet PDF - STMicroelectronics

Part # STS4DNF30L
Download  STS4DNF30L Click to download

File Size   135.76 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET

STS4DNF30L Datasheet (HTML) - STMicroelectronics


STS4DNF30L Product details

Description
This Power MOSFET is the second generation of STMicroelectronics unique “Single Feature Size™” strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

Features
■ TYPICAL RDS(on) = 0.039 Ω
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY
■ LOW THRESHOLD DRIVE

Applications
■ BATTERY MANAGMENT IN NOMADIC EQUIPMENT
■ POWER MANAGMENT IN CELLULAR PHONES
■ DC MOTOR DRIVE MOSFET ABSOLUTE MAXIMUM RATINGS (G)Pulse width limited by safe operating area. TYPE VDSS RDS(on) ID STS4DNF30L 30 V < 0.050 Ω 4 A




Similar Part No. - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
logo
VBsemi Electronics Co.,...
STS4DNF30L VBSEMI-STS4DNF30L Datasheet
924Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
More results


Similar Description - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
Dec-1998
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET™Power MOSFET
03-May-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com