Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4DNF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS4DNF30L
Description  DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET™ POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DNF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS4DNF30L Datasheet HTML 1Page - STMicroelectronics STS4DNF30L Datasheet HTML 2Page - STMicroelectronics STS4DNF30L Datasheet HTML 3Page - STMicroelectronics STS4DNF30L Datasheet HTML 4Page - STMicroelectronics STS4DNF30L Datasheet HTML 5Page - STMicroelectronics STS4DNF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
August 2002
STS4DNF30L
DUAL N-CHANNEL 30V - 0.039
Ω -4A SO-8
STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.039 Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique “Single Feature Size™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remarkable
manufacturing reproducibility.
APPLICATIONS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGMENT IN CELLULAR PHONES
s
DC MOTOR DRIVE
MOSFET ABSOLUTE MAXIMUM RATINGS
(q)Pulse width limited by safe operating area.
TYPE
VDSS
RDS(on)
ID
STS4DNF30L
30 V
< 0.050
Ω
4A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
4
A
ID
Drain Current (continuous) at TC = 100°C
2.5
A
IDM (q)
Drain Current (pulsed)
16
A
PTOT
Total Dissipation at TC = 25°C Dual Operation
2W
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
logo
VBsemi Electronics Co.,...
STS4DNF30L VBSEMI-STS4DNF30L Datasheet
924Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
More results

Similar Description - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
Dec-1998
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
15-Nov-2006
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET™Power MOSFET
03-May-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com