Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DNF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3DNF30L
Description  N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DNF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS3DNF30L Datasheet HTML 1Page - STMicroelectronics STS3DNF30L Datasheet HTML 2Page - STMicroelectronics STS3DNF30L Datasheet HTML 3Page - STMicroelectronics STS3DNF30L Datasheet HTML 4Page - STMicroelectronics STS3DNF30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STS3DNF30L
N - CHANNEL 30V - 0.055
Ω - 3.5A - SO-8
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.055
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFAC MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics
unique
"Single
Feature
Size
™" strip-based process. The resulting transi-
stor
shows extremely high packing density for
low on-resistance, rugged
avalanche charac-
teristics and less critical alignment steps therefore
a remarkable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCS
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)30
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC
Single Operation
Drain Current (continuous) at Tc = 100
oC
Single Operation
3.5
2.2
A
A
IDM(
•)
Drain Current (pulsed)
14
A
Ptot
Total Dissipation at Tc = 25
oC Dual Operation
Total Dissipation at Tc = 25
oC Single Operation
2
1.6
W
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS3DNF30L
30 V
< 0.065
Ω
3.5 A
December 1998
SO-8
1/5


Similar Part No. - STS3DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
May-1999
logo
VBsemi Electronics Co.,...
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STS3DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
Jun-2000
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
STS1NC60 STMICROELECTRONICS-STS1NC60 Datasheet
272Kb / 8P
N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH™ II MOSFET
Jul-2001
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STT4NF30L STMICROELECTRONICS-STT4NF30L Datasheet
37Kb / 5P
N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
Nov-1998
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
logo
KIA Semiconductor Techn...
2306 KIA-2306 Datasheet
110Kb / 4P
3.5A竊?30V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com