Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX138 Datasheet (PDF) - STMicroelectronics

74LVX138 Datasheet PDF - STMicroelectronics
Part # 74LVX138
Download  74LVX138 Download
File Size   330.51 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS

74LVX138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX138 Datasheet PDF - STMicroelectronics

Part # 74LVX138
Download  74LVX138 Click to download

File Size   330.51 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS

74LVX138 Datasheet (HTML) - STMicroelectronics


74LVX138 Product details

DESCRIPTION

The 74LVX138 is a low voltage CMOS 3 TO 8 LINE DECODER (INVERTING) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.



■ HIGH SPEED:

   tPD = 5.5ns (TYP.) at VCC = 3.3V

■ 5V TOLERANT INPUTS

■ INPUT VOLTAGE LEVEL:

   VIL=0.8V, VIH=2V at VCC=3V

■ LOW POWER DISSIPATION:

   ICC = 4 µA (MAX.) at TA=25°C

■ LOW NOISE:

   VOLP = 0.3V (TYP.) at VCC = 3.3V

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 4mA (MIN)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ OPERATING VOLTAGE RANGE:

   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 138

■ IMPROVED LATCH-UP IMMUNITY

■ POWER DOWN PROTECTION ON INPUTS



 




Similar Part No. - 74LVX138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
Fairchild Semiconductor
74LVX138M FAIRCHILD-74LVX138M Datasheet
79Kb / 7P
Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138M ONSEMI-74LVX138M Datasheet
185Kb / 9P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LVX138M ONSEMI-74LVX138M Datasheet
183Kb / 9P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
More results


Similar Description - 74LVX138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX138 STMICROELECTRONICS-74LCX138_06 Datasheet
309Kb / 17P
Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
26-Jul-2006
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com