Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX244 Datasheet (PDF) - STMicroelectronics

74LVX244 Datasheet PDF - STMicroelectronics
Part # 74LVX244
Download  74LVX244 Download
File Size   257.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)

74LVX244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX244 Datasheet PDF - STMicroelectronics

Part # 74LVX244
Download  74LVX244 Click to download

File Size   257.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)

74LVX244 Datasheet (HTML) - STMicroelectronics


74LVX244 Product details

DESCRIPTION

The 74LVX244 is a low voltage CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.



■ HIGH SPEED:

  tPD=4.5ns (TYP.) at VCC = 3.3V

■ 5V TOLERANT INPUTS

■ POWER-DOWN PROTECTION ON INPUTS

■ INPUT VOLTAGE LEVEL:

  VIL = 0.8V, VIH = 2V at VCC =3V

■ LOW POWER DISSIPATION:

  ICC = 4 µA (MAX.) at TA=25°C

■ LOW NOISE:

  VOLP = 0.5V (TYP.) at VCC =3.3V

■ SYMMETRICAL OUTPUT IMPEDANCE:

  |IOH| = IOL = 4 mA (MIN) at VCC =3V

■ BALANCED PROPAGATION DELAYS:

  tPLH ≅ tPHL

■ OPERATING VOLTAGE RANGE:

  VCC(OPR) = 2V to 3.6V (1.2V Data Retention)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 244

■ IMPROVED LATCH-UP IMMUNITY



 




Similar Part No. - 74LVX244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX244 ONSEMI-74LVX244 Datasheet
94Kb / 8P
Octal Bus Buffer With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX244 ONSEMI-74LVX244 Datasheet
190Kb / 8P
Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX244M FAIRCHILD-74LVX244M Datasheet
72Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX244M ONSEMI-74LVX244M Datasheet
190Kb / 8P
Low Voltage Octal Buffer/Line Driver
Revised April 2005
More results


Similar Description - 74LVX244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ241 STMICROELECTRONICS-74LVQ241 Datasheet
64Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-1999
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
Feb-1999
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74LVQ241 STMICROELECTRONICS-74LVQ241_04 Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
74LVQ244 STMICROELECTRONICS-74LVQ244_04 Datasheet
256Kb / 12P
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
02-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com