Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1068 Datasheet (PDF) - STMicroelectronics

STM1068 Datasheet PDF - STMicroelectronics
Part # STM1068
Download  STM1068 Download
File Size   213.63 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart voltage supervisor

STM1068 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM1068 Datasheet PDF - STMicroelectronics

Part # STM1068
Download  STM1068 Click to download

File Size   213.63 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart voltage supervisor

STM1068 Datasheet (HTML) - STMicroelectronics


STM1068 Product details

Description
STM1068 device monitors supply voltage VCC and the state of EN and INH inputs. Depending on logical combination of these inputs, the output OUT is connected to VIN or GND and the pass gate between PKX and POX is either enabled or disabled (see Table 2 and Table 3 for more details).
The device offers several voltage thresholds, VTH+ (see Table 9) and it is available in miniature flip chip 8-bump package.

Features
■ Operating voltage 2.7 V to 5.5 V
■ Supply current of 1.5 µA (typ)
■ Factory-trimmed voltage threshold from 3.2 V to 3.5 V in 50 mV increments
■ 3% voltage threshold accuracy across temperature
■ Enable and inhibit inputs (EN, INH)
■ Power supply transient immunity
■ Current limited output of 15 mA (max)
■ Available in flip chip 8-bump package
■ Operating temperature –30°C to +85°C

Applications
■ Portable devices
■ Cell phones/smart phones
■ PDA
■ Palmtops
■ Organizers
■ Portable audio/video players
■ Portable terminals




Similar Part No. - STM1068

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061 STMICROELECTRONICS-STM1061 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
STM1061N16W6F STMICROELECTRONICS-STM1061N16W6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061N16WX6F STMICROELECTRONICS-STM1061N16WX6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
STM1061N17W6F STMICROELECTRONICS-STM1061N17W6F Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
More results


Similar Description - STM1068

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
Voltage Supervisor
2005
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
Smart voltage supervisor
09-Apr-2008
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
UT01VS50L Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com