Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1068 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM1068
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM1068 Datasheet HTML 2Page - STMicroelectronics STM1068 Datasheet HTML 3Page - STMicroelectronics STM1068 Datasheet HTML 4Page - STMicroelectronics STM1068 Datasheet HTML 5Page - STMicroelectronics STM1068 Datasheet HTML 6Page - STMicroelectronics STM1068 Datasheet HTML 7Page - STMicroelectronics STM1068 Datasheet HTML 8Page - STMicroelectronics STM1068 Datasheet HTML 9Page - STMicroelectronics STM1068 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Description
STM1068
6/22
Figure 2.
8-bump flip chip connections
Table 1.
Pin descriptions
Pin
Symbol
Function
1A
VIN
Supply for output pin (OUT)
1B
EN
Enable from USB VBUS
1C
GND
Ground
1D
PKX
Pass gate input
2A
OUT
Output
2B
INH
Inhibit input
2C
VCC
Supply voltage
2D
POX
Pass gate output
V
IN
EN
GND
PKX
OUT
IN H
V
CC
POX
1
2
ABC
D
EN
GND
PKX
OUT
IN H
POX
1
2
ABC
D
n
w
o
d
s
p
m
u
b
,
w
e
i
v
p
o
t
p
u
s
p
m
u
b
,
w
e
i
v
m
o
t
t
o
b
ai13959
V
CC
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com