Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40109B Datasheet (PDF) - STMicroelectronics

HCF40109B Datasheet PDF - STMicroelectronics
Part # HCF40109B
Download  HCF40109B Download
File Size   300.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER

HCF40109B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40109B Datasheet PDF - STMicroelectronics

Part # HCF40109B
Download  HCF40109B Click to download

File Size   300.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER

HCF40109B Datasheet (HTML) - STMicroelectronics


HCF40109B Product details

DESCRIPTION

HCF40109B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages.

HCF40109B contains four low-to-high voltage level shifting circuits.



■ INDIPENDENCE OF POWER SUPPLY SEQUENCE CONSIDERATIONS - VCC CAN EXCEED VDD, INPUT SIGNALS CAN EXCEED BOTH VCC AND VDD

■ UP AND DOWN LEVEL SHIFTING CAPABILITY

■ THREE-STATE OUTPUTS WITH SEPARATE ENABLE CONTROLS

■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS

■ QUIESCENT CURRENT SPECIFIED UP TO 20V

■ 5V, 10V, AND 15V PARAMETRIC RATINGS

■ INPUT LEAKAGE CURRENT

   II = 100nA (MAX) AT VDD = 18V TA = 25°C

■ 100% TESTED FOR QUIESCENT CURRENT

■ MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"



 




Similar Part No. - HCF40109B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Sep-2002
HCF40109BC1 STMICROELECTRONICS-HCF40109BC1 Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109BEY STMICROELECTRONICS-HCF40109BEY Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
HCF40109BEY STMICROELECTRONICS-HCF40109BEY Datasheet
266Kb / 9P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Sep-2002
More results


Similar Description - HCF40109B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
Hex inverting high-to-low level shifter
December 1990
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Sep-2002
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
CMOS Quad Low-to-high Voltage Level Shifter
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Texas Instruments
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com