Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W512 Datasheet (PDF) - STMicroelectronics

M27W512 Datasheet PDF - STMicroelectronics
Part # M27W512
Download  M27W512 Download
File Size   187.67 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64 Kbit x8) low-voltage OTP EPROM

M27W512 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W512 Datasheet PDF - STMicroelectronics

Part # M27W512
Download  M27W512 Click to download

File Size   187.67 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64 Kbit x8) low-voltage OTP EPROM

M27W512 Datasheet (HTML) - STMicroelectronics


M27W512 Product details

Features
■ 2.7 to 3.6 V supply voltage in read operation
■ Access time: 100 ns
■ Pin compatibility with M27C512
■ Low power consumption
– 15 µA max Standby current
– 15 mA max Active current at 5 MHz
■ Programming time 100 µs/byte
■ High reliability CMOS technology
– 2000 V ESD protection
– 200 mA latch-up protection immunity
■ Electronic signature
– Manufacturer code: 20h
– Device code: 3Dh
■ ECOPACK® packages




Similar Part No. - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512 STMICROELECTRONICS-M27W512 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27W512-100B6 STMICROELECTRONICS-M27W512-100B6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27W512-100B6E STMICROELECTRONICS-M27W512-100B6E Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27W512-100B6F STMICROELECTRONICS-M27W512-100B6F Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
More results


Similar Description - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27C516 STMICROELECTRONICS-M27C516 Datasheet
93Kb / 12P
512 Kbit (32Kb x16) OTP EPROM
Sep-1998
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com