Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932H12 Datasheet (PDF) - STMicroelectronics

L6932H12 Datasheet PDF - STMicroelectronics
Part # L6932H12
Download  L6932H12 Download
File Size   259.33 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 2A ULDO linear regulator

L6932H12 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6932H12 Datasheet PDF - STMicroelectronics

Part # L6932H12
Download  L6932H12 Click to download

File Size   259.33 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 2A ULDO linear regulator

L6932H12 Datasheet (HTML) - STMicroelectronics




Similar Part No. - L6932H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
More results


Similar Description - L6932H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
High performance 3 A ULDO linear regulator
20-May-2008
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
High performance 2A ULDO linear regulator with Soft Start
22-Nov-2007
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
2A Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com