Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4957A Datasheet (PDF) - STMicroelectronics

L4957A Datasheet PDF - STMicroelectronics
Part # L4957A
Download  L4957A Download
File Size   63.39 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description UP TO 5A ULDO LINEAR REGULATOR

L4957A Datasheet (PDF)

Go To PDF Page Download Datasheet
L4957A Datasheet PDF - STMicroelectronics

Part # L4957A
Download  L4957A Click to download

File Size   63.39 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description UP TO 5A ULDO LINEAR REGULATOR

L4957A Datasheet (HTML) - STMicroelectronics


L4957A Product details

DESCRIPTION

The L4957A devices are Ultra Low Drop Output linear regulators with an internal N-channel MOS of 200mΩ particulary suitable for low voltage/low dropout applications. Operating with a input voltage from 3V to 14V they are capable to deliver up to 5A.



1.5V, 1.8V, 2.5V AND 3.3V FIXED OUTPUT VOLTAGE

3V TO 14V INPUT VOLTAGE RANGE

200mΩ Rdson TYPICAL @ Tj = 125°C

0.6V max. DROP-OUT AT 2A

EXCELLENT LOAD REGULATION

0.6mA QUIESCENT CURRENT AT ANY LOAD

SHORT CIRCUIT PROTECTION

THERMAL SHUTDOWN



APPLICATIONS

MOTHER BOARDS

PROCESSOR I/O & SUPPLIES

LOW VOLTAGE MEMORY & CHIP SET SUPPLIES

GRAPHIC & SOUND CARDS

LOW VOLTAGE LOGIC SUPPLIES

POST REGULATOR FOR SMPS




Similar Part No. - L4957A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L4957AD1.5 STMICROELECTRONICS-L4957AD1.5 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L4957AD1.5TR STMICROELECTRONICS-L4957AD1.5TR Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L4957AD1.8 STMICROELECTRONICS-L4957AD1.8 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
More results


Similar Description - L4957A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4955 STMICROELECTRONICS-L4955 Datasheet
142Kb / 14P
5A ULDO LINEAR REGULATORS FAMILY
VO
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
UP TO 4A ULDO LINEAR REGULATOR
Feb-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
677Kb / 13P
5A Bipolar Linear Regulator
logo
STMicroelectronics
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com