Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955 Datasheet (PDF) - STMicroelectronics

L4955 Datasheet PDF - STMicroelectronics
Part # L4955
Download  L4955 Download
File Size   142.4 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A ULDO LINEAR REGULATORS FAMILY

L4955 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4955 Datasheet PDF - STMicroelectronics

Part # L4955
Download  L4955 Click to download

File Size   142.4 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A ULDO LINEAR REGULATORS FAMILY

L4955 Datasheet (HTML) - STMicroelectronics


L4955 Product details

DESCRIPTION

The L4955 is a family of monolithic ultra very low drop linear regulators designed to supply the most recent microprocessors.

The dropout voltage is only 0.75V (Typ.) at 5A, directly dependent on the output current conditions. Realized in BCDII technology, it has on board a charge pump to properly drive an N-channel power mos Transistor with 150mΩ of RDSON.

It operates from a 4.5V minimum supply, with a very low quiescent current irrespective of the load; a minimum of 22µF output capacitor is required for stability.

The on-chip trimming techniques improve the precision of the available output voltages to ±2%.



■ UP TO 5A OUTPUT CURRENT

■ ±2% PRECISE OUTPUT VOLTAGES

■ FAST TRANSIENT RESPONSE

■ 0.75V TYP. DROP OUT VOLTAGE AT 5A

■ OPERATING INPUT VOLTAGEFROM 4.5V

■ ADJUSTABLE VERSION:

   • VO = 1.26V

   • INHIBIT (IQ = 120µA TYP.)

   • POWER GOOD

   • PROGRAMMABLE CURRENT LIMIT

   • HEPTAWATT PACKAGE

■ FIXED VERSION:

   • 3.3V, 5.1V OUTPUTS

   • VERSAWATT PACKAGE

VERY LOW QUIESCENT CURRENT

SHORT CIRCUIT PROTECTION (Foldback function)

THERMAL SHUTDOWN



APPLICATIONS

■ PENTIUM AND POWER PC SUPPLIES

■ POST REGULATOR FOR SMPS

■ LOW COST SOLUTION FOR 5V TO 3.3V CONVERSION

■ LOW COST BATTERY CHARGER

■ CONSTANT CURRENT REGULATOR

■ SUITABLE FOR APPLICATION WITH STANDBY FEATURE



 




Similar Part No. - L4955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
More results


Similar Description - L4955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
UP TO 4A ULDO LINEAR REGULATOR
Feb-2000
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com