Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4952 Datasheet (PDF) - STMicroelectronics

L4952 Datasheet PDF - STMicroelectronics
Part # L4952
Download  L4952 Download
File Size   84.62 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS

L4952 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4952 Datasheet PDF - STMicroelectronics

Part # L4952
Download  L4952 Click to download

File Size   84.62 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS

L4952 Datasheet (HTML) - STMicroelectronics


L4952 Product details

DESCRIPTION
The L4952 is a monolithic voltage regulator in an advanced BCD60II process with high efficient p-channel transistor. This device is optimized for Car Radio applications to obtain optimum per formance and supply system integration with high flexibility and minimum peripheral components.

■ OPERATION SUPPLY VOLTAGE 9.5 TO 28V
■ PEAK SUPPLY OVERVOLTAGE PULSE UP TO 52V (VS. GND)
■ FIXED OUTPUT VOLTAGE OF 8.6 ± 0.2V AND OUTPUT CURRENT UP TO 150mA
■ VERY LOW DROP OUTPUT STAGE WITH LOW OUTPUT VOLTAGE DIAGNOSTIC
■ OUTPUT SHORT CIRCUIT AND THERMAL OVERLOAD PROTECTION
■ VERY LOW STANDBY CURRENT (DEVICE DISABLED)
■ TWO INTERNAL OUTPUT VOLTAGE SWITCHES WITH LOW DROPOUT FOR AM/FM SWITCHING
■ DRIVER CIRCUIT FOR EXTERNAL HIGH SIDE SWITCH WITH DROP MONITORING
■ ENABLE INPUT TO SWITCH ON THE DEVICE
■ ADDITIONAL 10V VERY LOW DROP REGULATOR TO SUPPLY THE VARICAP




Similar Part No. - L4952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results


Similar Description - L4952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com