Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4952 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4952
Description  VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4952 Datasheet(HTML) 1 Page - STMicroelectronics

  L4952 Datasheet HTML 1Page - STMicroelectronics L4952 Datasheet HTML 2Page - STMicroelectronics L4952 Datasheet HTML 3Page - STMicroelectronics L4952 Datasheet HTML 4Page - STMicroelectronics L4952 Datasheet HTML 5Page - STMicroelectronics L4952 Datasheet HTML 6Page - STMicroelectronics L4952 Datasheet HTML 7Page - STMicroelectronics L4952 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L4952
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
OPERATION SUPPLY VOLTAGE 9.5 TO 28V
PEAK SUPPLY OVERVOLTAGE PULSE UP
TO 52V (VS. GND)
FIXED OUTPUT VOLTAGE OF 8.6
± 0.2V
AND OUTPUT CURRENT UP TO 150mA
VERY LOW DROP OUTPUT STAGE WITH
LOW OUTPUT VOLTAGE DIAGNOSTIC
OUTPUT SHORT CIRCUIT AND THERMAL
OVERLOAD PROTECTION
VERY LOW STANDBY CURRENT (DEVICE
DISABLED)
TWO
INTERNAL
OUTPUT
VOLTAGE
SWITCHES WITH LOW DROPOUT FOR
AM/FM SWITCHING
DRIVER CIRCUIT FOR EXTERNAL HIGH
SIDE SWITCH WITH DROP MONITORING
ENABLE INPUT TO SWITCH ON THE DE-
VICE
ADDITIONAL 10V VERY LOW DROP REGU-
LATOR TO SUPPLY THE VARICAP
DESCRIPTION
The L4952 is a monolithic voltage regulator in an
advanced BCD60II process with high efficient p-
channel transistor. This device is optimized for
Car Radio applications to obtain optimum per-
formance and supply system integration with high
flexibility and minimum peripheral components.
June 2000
®
BLOCK DIAGRAM
SO20 (12+4+4)
ORDERING NUMBER: L4952D
1/8


Similar Part No. - L4952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Similar Description - L4952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com