Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4952 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4952
Description  VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4952 Datasheet(HTML) 6 Page - STMicroelectronics

  L4952 Datasheet HTML 1Page - STMicroelectronics L4952 Datasheet HTML 2Page - STMicroelectronics L4952 Datasheet HTML 3Page - STMicroelectronics L4952 Datasheet HTML 4Page - STMicroelectronics L4952 Datasheet HTML 5Page - STMicroelectronics L4952 Datasheet HTML 6Page - STMicroelectronics L4952 Datasheet HTML 7Page - STMicroelectronics L4952 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Note 4
Typical charcteristics shown by the Figures 3 to
12 are typical parameters. Depending on produc-
tion spread certain deviations may occure. For
limits see pages 2 to 4.
Figure 10: OUT1 voltage versus temperature
Figure 9: (C = 10
µF, ESR = 4.7Ω Load current
0mA and 117mA)
Figure 11: OUT4 supply transient response
(C = 10
µF, ESR = 4.7Ω, Load = 3mA)
Figure 12: OUT4 voltage versus temperature
Figure 7: OUT3 propagation delay (Load = 100
Ω)
Figure 8: OUT1 supply transient rejection
(C = 10
µF, ESR = 4.7Ω, Load at OUT1
= 100
Ω, Load = 10kΩ)
L4952
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com