Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4952 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4952
Description  VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4952 Datasheet(HTML) 5 Page - STMicroelectronics

  L4952 Datasheet HTML 1Page - STMicroelectronics L4952 Datasheet HTML 2Page - STMicroelectronics L4952 Datasheet HTML 3Page - STMicroelectronics L4952 Datasheet HTML 4Page - STMicroelectronics L4952 Datasheet HTML 5Page - STMicroelectronics L4952 Datasheet HTML 6Page - STMicroelectronics L4952 Datasheet HTML 7Page - STMicroelectronics L4952 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
is High the device is switched on. The diagnostic
circuitry detect the low drop voltage.
In this case the DIAG output is going low and can
mute the power output stage to avoid noise on
the loudspeaker.The two internal switches can
switch the stabilized output voltage with P-MOS
Transistors to one of the outputs 2 and 3 with low
drop. This is useful to switch the AM and FM cir-
cuitry on or off.
To control it there are two digital inputs En2 and En3
one for each switch. EN2 is High active and EN3 is
Low active. It’s possible to drive the AM/FM switch
with one digital line (EN2 and EN3 together).
The driver for the external High side switch can
switch on and off the external pnp transistor. The
drop detection circuitry avoid the damage of the
external power pnp transistor.
To supply the varicaps and the PLL-opamp of the
car radio a second very low drop 10 V regulator is
available. This regulator in dropout has a typical
resistance of 50
Ω.
Function of the external High side switch
driver
Fig 2 shows the principle circuitry of the external
High side switch. Fig. 3 shows the switch on/off
phase of the external High side switch. At the
time t0 the microcontroller switches on (curve 1 =
output signal of the microcontroller).
The signal on the HSON pin of the L4952 is shown
on curve 2. At t1 the external Power pnp is
switched on. At t2 (VHSON =VSON2) the internal
comparator compares the drop of the external pnp.
In case of normal operation the drop is smaller than
VDth and no failure will be detected (curve 3).
In case of failure (that mean a higher drop than
VDth ) the external power pnp will be switched off
(curve 4). If an error is detected it will be stored in
the internal error flip-flop. The external pnp can
only be switched on again after having turned
HSON off (VHSON <VSON1) again.
Figure 4: Logic input currents versus input
voltage
Figure 3: Stand by consumption versus
temperature
Supply voltage rejection (C = 10
µF, ESR = 4.7Ω,
Load at OUT4 = 10k
Ω)
Figure 5: Supply rejection versus Frequency.
OUT2 propagation delay (Load = 100
Ω)
Figure 6: OUT2 propagation delay (Load = 100
Ω)
Typical Characteristics (Note 4)
L4952
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com