Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4955
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955 Datasheet(HTML) 4 Page - STMicroelectronics

  L4955 Datasheet HTML 1Page - STMicroelectronics L4955 Datasheet HTML 2Page - STMicroelectronics L4955 Datasheet HTML 3Page - STMicroelectronics L4955 Datasheet HTML 4Page - STMicroelectronics L4955 Datasheet HTML 5Page - STMicroelectronics L4955 Datasheet HTML 6Page - STMicroelectronics L4955 Datasheet HTML 7Page - STMicroelectronics L4955 Datasheet HTML 8Page - STMicroelectronics L4955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L4955V5.1 - ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vin = 8V, unless otherwise specified)
• = Specificationsreferred to T
J from 0
°C to +125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
VO+VD
22
V
VO
Output Voltage
6.75V < VIN < 15V; 0.1A < IO < 5A
5.000
5.100
5.200
V
6.75V < VIN < 15V; 0.1A < IO <5A
• 4.950 5.100 5.250
V
VD
Drop-out Voltage
IO = 5A
0.75
1.1
V
•
1.1
1.5
V
IO =2A
•
0.55
0.75
V
∆VO
Line regulation
6.5V < VIN <15V; IO = 10mA
2
10
mV
∆VO
Load regulation
0.1A < IO < 5A
5
20
mV
IO
Current Limiting
•
5.1
6.3
7.5
A
Short Circuit Current
VO =0V
•
1.8
A
IQ
Quiescent Current
0.1A < IO <5A
2
3
mA
Ripple Rejection
f = 120Hz, IO =5A
VIN =8V
∆VIN =2VPP
55
65
dB
L4955V3.3 - ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vin = 5V, unless otherwise specified)
• = Specificationsreferred to TJ from 0°C to +125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
4.5
22
V
VO
Output Voltage
4.75V < VIN < 12V; 0.1A < IO < 5A
3.234
3.300
3.366
V
4.75V < VIN < 12V; 0.1A < IO <5A
• 3.201 3.300 3.399
V
∆VO
Line regulation
4.5V < VIN <12V; IO = 10mA
2
10
mV
∆VO
Load regulation
0.1A < IO < 5A
3
15
mV
IO
Current Limiting
•
5.1
6.3
7.5
A
Short Circuit Current
VO =0V
•
1.8
A
IQ
Quiescent Current
0.1A < IO <5A
2
3
mA
Ripple Rejection
f = 120Hz, IO =5A
VIN =6V
∆VIN =2VPP
57
70
dB
L4955
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com