Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL1084 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL1084 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL1084
Download  BL1084 Download
File Size   677.61 Kbytes
Page   13 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description 5A Bipolar Linear Regulator

BL1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL1084 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL1084
Download  BL1084 Click to download

File Size   677.61 Kbytes
Page   13 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description 5A Bipolar Linear Regulator

BL1084 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL1084 Product details

DESCRIPTION
BL1084 is a series of low dropout three terminal regulators with a typical dropout voltage of 1.4V at 5A load current.
Other than fixed voltage versions (1.8V, 2.5V, 3.3V, 5.0V), BL1084 has an adjustable voltage version, with which desired voltage can be achieved by setting the values of two external resistors of the application circuitry.

FEATURES
• Fixed and adjustable versions.
• Maximum output current : 5A
• Maximum input voltage: 15V
• Line regulation: 0.2% (Typical)
• Load regulation: 0.2% (Typical)
• On-Chip Thermal Shutdown
• Operation environment Temperature: -40℃ ~ 85℃

APPLICATIONS
• Power Management for Computer Mother Board, Graphic Card
• Battery Charger
• Post Regulators for Switching Supplies
• Microprocessor Supply




Similar Part No. - BL1084

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CS BELLING-BL108418CS Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CS1 BELLING-BL108418CS1 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CY BELLING-BL108418CY Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CZ BELLING-BL108418CZ Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
More results


Similar Description - BL1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4956 STMICROELECTRONICS-L4956 Datasheet
80Kb / 8P
5A LOW DROP LINEAR REGULATOR
Mar-1998
logo
Cherry Semiconductor Co...
CS5205A-1 CHERRY-CS5205A-1 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
logo
Ceramate Technical
CP1084 CERAMATE-CP1084 Datasheet
327Kb / 11P
5A Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
881Kb / 13P
5A Bipolar Linear Regulator
VER 1.4
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084_13 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com