Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet (PDF) - STMicroelectronics

L4956 Datasheet PDF - STMicroelectronics
Part # L4956
Download  L4956 Download
File Size   80.08 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A LOW DROP LINEAR REGULATOR

L4956 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4956 Datasheet PDF - STMicroelectronics

Part # L4956
Download  L4956 Click to download

File Size   80.08 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A LOW DROP LINEAR REGULATOR

L4956 Datasheet (HTML) - STMicroelectronics


L4956 Product details

DESCRIPTION

The L4956 is an adjustable monolithic linear regulator designed to satisfy very heavy load transient and efficient power conversion from 3.3V to 1.26V and lower, up to 5A.

Designed in BCDII technology, it uses a charge pump technique to have a proper internal N-channel gate drive. The signal supply voltage input VSIG can operate from 4.5V up to an absolute of 7V and the power supply voltage input VPW can opearte from 3V min to an absolute of 7V. An RDSON of 150mV gives a voltage drop of 750mV at 5A of load current.



■ SPLITTED SUPPLY VOLTAGE FOR IM PROVED EFFICIENCY:

   - VPW: 3V MIN. POWER SUPPLY VOLTAGE

   - VSIG: 4.5VMIN. SIGNAL SUPPLY VOLTAGE

■ 5A OUTPUT CURRENT

■ FAST LOAD TRANSIENT RESPONSE

■ 0.75V TYP. DROP OUT VOLTAGE AT 5A

■ INHIBITWITHZEROCURRENT COMSUMPTION

■ POWER GOOD

■ SHORT CIRCUIT PROTECTION

■ THERMAL SHUTDOWN

■ HEPTAWATT PACKAGE



APPLICATIONS

■ PENTIUM™ AND POWER PC™ SUPPLIES

■ LOW COST SOLUTION FOR 3.3V TO 1.5V CONVERSION

■ SUITABLE FOR APPLICATIONS WITH STAND BY FEATURE



 




Similar Part No. - L4956

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
More results


Similar Description - L4956

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR533 UTC-UR533 Datasheet
114Kb / 6P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_07 Datasheet
197Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_07 Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_10 Datasheet
704Kb / 24P
Linear Low-drop Voltage Regulator
logo
Unisonic Technologies
UR533 UTC-UR533_09 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UR533 UTC-UR533_11 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com