Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4956
Description  5A LOW DROP LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4956 Datasheet(HTML) 5 Page - STMicroelectronics

  L4956 Datasheet HTML 1Page - STMicroelectronics L4956 Datasheet HTML 2Page - STMicroelectronics L4956 Datasheet HTML 3Page - STMicroelectronics L4956 Datasheet HTML 4Page - STMicroelectronics L4956 Datasheet HTML 5Page - STMicroelectronics L4956 Datasheet HTML 6Page - STMicroelectronics L4956 Datasheet HTML 7Page - STMicroelectronics L4956 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
01
23
4567
0
0. 5
1
1. 5
2
2. 5
3
VSI G [ V]
Iq [m A ]
Io = 1 0 m A
t o
5 A
Tj = 2 5
°C
3V < V P W < 6 . 5 V
Figure 7. Quiescent Current at pin VSIG vs.
Signal Input Voltage.
4
4 .5
5
5 .5
6
6 .5
7
0
25
50
75
10 0
12 5
15 0
V S IG [V ]
Iq [
µ A]
Tj = 2 5
° C
3 V < VPW < 6 . 5 V
Figure 8. Stand-By Current at pin VSIG vs. Signal
Input Voltage with INH = LOGIC HIGH
PG
VADJ
0.9 VADJ
hyst = 200mV
High
Low
Low
t
t
D96IN364B
VOUT=VADJ (R1+R2)/R2
Figure 9. Power Good Function
VINH
Vref = 1.26V
hyst = 200mV
regulator
OFF
t
t
regulator
ON
regulator
ON
D96IN365A
Figure 10. Inhibit Function
L4956
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com