Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4956
Description  5A LOW DROP LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4956 Datasheet(HTML) 1 Page - STMicroelectronics

  L4956 Datasheet HTML 1Page - STMicroelectronics L4956 Datasheet HTML 2Page - STMicroelectronics L4956 Datasheet HTML 3Page - STMicroelectronics L4956 Datasheet HTML 4Page - STMicroelectronics L4956 Datasheet HTML 5Page - STMicroelectronics L4956 Datasheet HTML 6Page - STMicroelectronics L4956 Datasheet HTML 7Page - STMicroelectronics L4956 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L4956
5A LOW DROP LINEAR REGULATOR
SPLITTED SUPPLY VOLTAGE FOR IM-
PROVED EFFICIENCY:
-VPW: 3V MIN. POWER SUPPLY VOLTAGE
-VSIG: 4.5V MIN. SIGNAL SUPPLY VOLTAGE
5A OUTPUT CURRENT
FAST LOAD TRANSIENT RESPONSE
0.75V TYP. DROP OUT VOLTAGE AT 5A
INHIBIT WITH ZEROCURRENT COMSUMPTION
POWER GOOD
SHORT CIRCUIT PROTECTION
THERMAL SHUTDOWN
HEPTAWATT PACKAGE
APPLICATIONS
PENTIUM
™ AND POWER PC™ SUPPLIES
LOW COST SOLUTION FOR 3.3V TO 1.5V
CONVERSION
SUITABLE
FOR
APPLICATIONS
WITH
STAND BY FEATURE
DESCRIPTION
The L4956 is an adjustable monolithic linear regu-
lator designed to satisfy very heavy load transient
and efficient power conversion from 3.3V to 1.26V
and lower, up to 5A.
Designed in BCDII technology, it uses a charge
pump technique to have a proper internal N-chan-
nel gate drive. The signal supply voltage input
VSIG can operate from 4.5V up to an absolute of
7V and the power supply voltage input VPW can
opearte from 3V min to an absolute of 7V. An
RDSON of 150mV gives a voltage drop of 750mV
at 5A of load current.
Very fast load transients and
±1% of reference
voltage precision makes this device suitable for
supplying last micrprocessors generation and low
voltage logics.
The Heptawatt package enriches the device with
auxiliary functions like power good and inhibit.
March 1998
HEPTAWATT
ORDERING NUMBER: L4956
MULTIPOWER BCD TECHNOLOGY
VPW
V
SIG
D96IN374B
1
2
7
OUT
5
ADJ
4
GND
L4956
C1
R1
R2
C2
VO
V
PW=3.3Vbus
V
SIG=
5Vbus
36
INH
PG
C3
TYPICAL APPLICATION
1/8


Similar Part No. - L4956

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
More results

Similar Description - L4956

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR533 UTC-UR533 Datasheet
114Kb / 6P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_07 Datasheet
197Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_07 Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_10 Datasheet
704Kb / 24P
Linear Low-drop Voltage Regulator
logo
Unisonic Technologies
UR533 UTC-UR533_09 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UR533 UTC-UR533_11 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com