Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4956
Description  5A LOW DROP LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4956 Datasheet(HTML) 4 Page - STMicroelectronics

  L4956 Datasheet HTML 1Page - STMicroelectronics L4956 Datasheet HTML 2Page - STMicroelectronics L4956 Datasheet HTML 3Page - STMicroelectronics L4956 Datasheet HTML 4Page - STMicroelectronics L4956 Datasheet HTML 5Page - STMicroelectronics L4956 Datasheet HTML 6Page - STMicroelectronics L4956 Datasheet HTML 7Page - STMicroelectronics L4956 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Powe r
D issip a tio n
Lim it
0
1234
567
8
0
1
2
3
4
5
6
7
8
(V pw - Vout) [V ]
O u tput C urrent [A ]
Vpw > 3V
V s ig > 4.5 V
Tj = 1 25
° C
Tc = 2 5
° C
Pdm ax = 4 0 W
C u rre nt Lim ita ti o n
Rd s on
lim it
D C O pera ting A rea
Tc = 7 0
° C
Pdm ax =2 2 W
Figure 1. DC Operating Area.
-40
0
40
80
12 0
160
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
1.28
Tj [
°C]
Vo ut [V ]
V p w = 3.3V
Vsig = 5 V
I out = 1 0m A
Figure 2. Output Voltage Stability vs.
Junction Temperature
0
123
45
-5
-4
-3
-2
-1
0
1
2
3
4
5
Iou t [A ]
P u ls ed t e c n iq ue ha s been us ed
Vp w = 3 . 3 V
Vs i g = 5 V
Vo u t = Vadj
Tj = 2 5
°C
Figure 3. Load Regulation.
01
23
4
5
6
0
0.25
0.5
0.75
1
1.25
Iout [A ]
Tj = 125
°C
Tj = 2 5
°C
Tj = - 40
° C
P u ls ed te c hnique has been used
Figure 4. Dropout Voltage.
-4 0 -20
0
20
40
60
80 10 0 12 0 140 160
0
1
2
3
4
5
6
7
8
9
10
Tj [ºC ]
O u tput C u rre nt [A]
(V pw -Vout) > 2V
P u ls ed te cn iq ue ha s b e e n u sed
Figure 5. Maximum Output Current vs.
Junction Temperature
-4 0
-2 0
0
20
40
60
80
10 0 120 14 0 16 0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Tj [
°C]
Iq [m A ]
V SIG =6 . 5 V
I out = 1 0 m A to 5 A
3 V <V P W <6 .5 V
Figure 6. Quiescent Current at pin VSIG vs.
Junction Temperature.
L4956
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com