Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4956
Description  5A LOW DROP LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4956 Datasheet(HTML) 2 Page - STMicroelectronics

  L4956 Datasheet HTML 1Page - STMicroelectronics L4956 Datasheet HTML 2Page - STMicroelectronics L4956 Datasheet HTML 3Page - STMicroelectronics L4956 Datasheet HTML 4Page - STMicroelectronics L4956 Datasheet HTML 5Page - STMicroelectronics L4956 Datasheet HTML 6Page - STMicroelectronics L4956 Datasheet HTML 7Page - STMicroelectronics L4956 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VPW,VSIG
Supply Input Voltage
7
V
ADJ pin
PG and INH pins
-0.3 to 4
0to VSIG
V
V
PTOT
Power Dissipation @ Tamb =50
°C
Power Dissipation @ Tcase =90
°C
2
15
W
W
Tst,Ti
Storage Temperature
-40 to +150
°C
PIN FUNCTIONS
No.
Name
Function
1VPW
Unregulated power input voltage; this pin must be bypassed with a capacitor larger than 10
µF.
2VSIG
Unregulated signal input voltage this pin has to be by passed with a minimum capacitor of 0.1
µF.
3
INH
TTL-CMOS input. A logic level on this input disable the device. An internal pull-down insures insures
full functionally even if the pin is open.
4
GND
Ground.
5
ADJ
The output is connected directly to this terminal for 1.26V operation via divider for higher voltages.
6
PG
Open drain output, this pin is low when the output voltage is lower than 90%, otherwise is high.
7
OUT
Regulated output voltage. A minimum bypass capacitor of 22
µF is required to insure stability.
1
2
3
4
5
6
7
OUT
PG
ADJ
GND
INH
VSIG
VPW
D96IN373
tab connected to pin 4
PIN CONNECTION (Top view)
V
PW
PRE
REGULATOR
VREF=
1.26V
+
-
E/A
OUT
ADJ
GND
PG
D96IN372A
1
3
6
4
5
7
INHIBIT
ACTIVE HIGH
1.26V
INH
V
PW
10
µF
CURRENT
LIMITATION
THERMAL
SHUTDOWN
FOLDBACK
BUFFER
CHARGE
PUMP
POWER
DMOS
150m
Ω
0.9VREF
R1
22
µF
R2
VOUT
VSIG
2
VSIG
BLOCK DIAGRAM
L4956
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com