Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4956 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4956
Description  5A LOW DROP LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4956 Datasheet(HTML) 6 Page - STMicroelectronics

  L4956 Datasheet HTML 1Page - STMicroelectronics L4956 Datasheet HTML 2Page - STMicroelectronics L4956 Datasheet HTML 3Page - STMicroelectronics L4956 Datasheet HTML 4Page - STMicroelectronics L4956 Datasheet HTML 5Page - STMicroelectronics L4956 Datasheet HTML 6Page - STMicroelectronics L4956 Datasheet HTML 7Page - STMicroelectronics L4956 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LOAD TRANSIENT RESPONSE
Figure 11.
Vout
50mV/div
CH1gnd
5A
0.5A
CH2gnd
Iout
2A/div
t= 5
µs/div
Figure 12.
Vout
50mV/div
CH1gnd
5A
t= 5
µs/div
Figure 13.
Vout
50mV/div
CH1gnd
5A
t = 100
µs/div
0.5A
CH2gnd
Iout
2A/div
0.5A
CH2gnd
Iout
2A/div
C1,C2
470
µF
Panasonic
HFQ
R4
24
R5
126
C4 to C9
100
µF/10V
AVX TPS
6 each
C10 to C15
1
µF
AVX X7R
6 each
VOUT=1.5V
VIN=3.3V
1
VPW
GND
43
INH
7
OUT
5
ADJ
L4956
PG
6
D97IN593
VSIG
C16
220nF
VSIG=5V
2
Figure 14. Load transient test circuit.
Test conditions:
VPW = 3.3V; VSIG =5; Vout = 1.5V; Load Transient
from 0.5A to 5A;
dlout
dt
= 20A/
µs; Tj = 25°C
L4956
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com