Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM704 Datasheet (PDF) - STMicroelectronics

STM704 Datasheet PDF - STMicroelectronics
Part # STM704
Download  STM704 Download
File Size   773.01 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Supervisor with Battery Switchover

STM704 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM704 Datasheet PDF - STMicroelectronics

Part # STM704
Download  STM704 Click to download

File Size   773.01 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Supervisor with Battery Switchover

STM704 Datasheet (HTML) - STMicroelectronics


STM704 Product details

Description
The STM690A/692A/703/704/802/805/817/818/819 supervisors are self-contained devices which provide microprocessor supervisory functions with the ability to non-volatize and write-protect external LPSRAM. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM703/704/819) as well as a power-fail comparator (except for STM818) to provide the system with an early warning of impending power failure.

Features
■ 5 V operating voltage
■ NVRAM supervisor for external LPSRAM
■ Chip-enable gating (STM818 only) for external LPSRAM (7 ns max prop delay)
■ RST and RSToutputs
■ 200 ms (typ) trec
■ Watchdog timer - 1.6 sec (typ)
■ Automatic battery switchover
■ Low battery supply current - 0.4 µA (typ)
■ Power-fail comparator (PFI/PFO)
■ Low supply current - 40 µA (typ)
■ Guaranteed RST(RST) assertion down to VCC = 1.0 V
■ Operating temperature: –40 °C to +85 °C (industrial grade)
■ RoHS compliance
   – Lead-free components are compliant with the RoHS directive




Similar Part No. - STM704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM704 STMICROELECTRONICS-STM704 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM704 STMICROELECTRONICS-STM704 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM704 STMICROELECTRONICS-STM704 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM704DS6E STMICROELECTRONICS-STM704DS6E Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM704DS6F STMICROELECTRONICS-STM704DS6F Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results


Similar Description - STM704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM705 STMICROELECTRONICS-STM705 Datasheet
530Kb / 27P
5V Supervisor
Mar-2005
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com